Part Number Hot Search : 
LC7232 D4SBS6 74LCX54 CAT51 CED6426 APC77165 82562G SL431
Product Description
Full Text Search
 

To Download LANE512NDH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LANEH Series
Single and Dual Output 1 Watt DC/DC Converter
FEATURES
MTBF > 1M Hours 7 Pin SIP Package 1 Watt Output Power 3000VDC I/O Isolation Single and Dual Outputs UL 94V-0 Package Material Input 5, 12, 15, 24, and 48VDC Industrial Grade -40C to +85C "I" Option
DESCRIPTION
When your application demands low power, minimal board space, and a high level of input/output isolation is necessary, the LANEH miniature converters offer superior solutions at an economical price. Users have a multitude of options and operational ratings to choose from in custom-tailoring the converter to application demands. Populating a scant 0.179 square inches of board space, the LANEH provides one watt of power while maintaining specifications over the entire commercial operating temperature range.
SPECIFICATIONS: LANEH Series
All specifications apply @ 25C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range ..................................................... 5% Nominal Input Voltage ............... 5, 12, 15, 24, and 48 VDC Input Voltage Tolerance................................................ 5% Input Filtering ......................................Low ESR Capacitors
GENERAL SPECIFICATIONS
Efficiency ................................................................. 70% typ. Switching Frequency ......................................... 100KHz typ. Isolation Voltage (Input to Output) .................3000VDC min. Isolation Resistance ..................... 1000M min. @ 500VDC
OUTPUT SPECIFICATIONS
Output Voltage .......................................................see table Voltage Tolerance...................5% (nom. Line, 100% load) Output Current .......................................................see table Output Power .................................................... 1 Watt max. Line Regulation (10% to 100% FL)......... 1.2% / 1% of Vin Load Regulation (10% to 100% FL) 5V output .......................................................... 15% max 9, 12, and 15V outputs ..................................... 10% max Ripple/Noise (20 MHz BW).........................150mVp-p max.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature.................................... 0C ~ +70C "I" suffix ....................................................-40C ~ +85C Storage Temperature .................................. -25C ~ +100C Cooling ................................................... Free air convection MTBF........................................................... 1,000,000 hours
PHYSICAL SPECIFICATIONS
Dimensions
5, 12, 15, and 24V input.................19.5(L) x 6(W) x 10(H) mm 48V input.....................................19.5(L) x 7.5(W) x 10(H) mm
PROTECTION SPECIFICATIONS
Short Circuit Protection....................................... Short term
Case Material ......................... Non-Conductive black plastic Potting material ......................................... Epoxy (UL94-V0)
Due to advances in technology, specifications subject to change without notice
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
LANEH Series
Single and Dual Output 1 Watt DC/DC Converter
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
LANE505NH LANE509NH LANE512NH LANE515NH LANE505NDH LANE509NDH LANE512NDH LANE515NDH LANE1205NH LANE1209NH LANE1212NH LANE1215NH LANE1205NDH LANE1209NDH LANE1212NDH LANE1215NDH LANE1224NDH LANE1505NH LANE1509NH LANE1512NH LANE1515NH LANE1505NDH LANE1509NDH LANE1512NDH LANE1515NDH LANE2405NH LANE2409NH LANE2412NH LANE2415NH LANE2405NDH LANE2409NDH LANE2412NDH LANE2415NDH LANE4805NH LANE4809NH LANE4812NH LANE4815NH LANE4805NDH LANE4809NDH LANE4812NDH LANE4815NDH
Input Voltage
5 VDC 5 VDC 5 VDC 5 VDC 5 VDC 5 VDC 5 VDC 5 VDC 12 VDC 12 VDC 12 VDC 12 VDC 12 VDC 12 VDC 12 VDC 12 VDC 12 VDC 15 VDC 15 VDC 15 VDC 15 VDC 15 VDC 15 VDC 15 VDC 15 VDC 24 VDC 24 VDC 24 VDC 24 VDC 24 VDC 24 VDC 24 VDC 24 VDC 48 VDC 48 VDC 48 VDC 48 VDC 48 VDC 48 VDC 48 VDC 48 VDC
Output Voltage
5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 24VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC
Output Current
200 mA 112 mA 85 mA 66 mA 100 mA 56 mA 42 mA 33 mA 200 mA 112 mA 85 mA 66 mA 100 mA 56 mA 42 mA 33 mA 21mA 200 mA 112 mA 85 mA 66 mA 100 mA 56 mA 42 mA 33 mA 200 mA 112 mA 85 mA 66 mA 100 mA 56 mA 42 mA 33 mA 200 mA 112 mA 85 mA 66 mA 100 mA 56 mA 42 mA 33 mA
Efficiency (Typ.)
70% 75% 75% 75% 70% 75% 75% 75% 70% 75% 75% 75% 70% 75% 75% 75% 75% 70% 75% 75% 75% 70% 75% 75% 75% 70% 75% 75% 75% 70% 75% 75% 75% 70% 75% 75% 75% 70% 75% 75% 75%
NOTES
1. For industrial grade operating temperature of -40C to +85C add suffix "I" to the part number. 2. All case and pin-to-case measurements for reference only unless otherwise noted. 3. Dimensions of 5, 12, 15, and 24V input models are 19.5(L) x 6(W) x 10(H) mm and the dimensions of the 48V input models are 19.5(L) x 7.5(W) x 10(H) mm.
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
LANEH Series
Single and Dual Output 1 Watt DC/DC Converter
MECHANICAL DRAWING
Unit: mm 5, 12, 15, & 24V INPUTS 48V INPUTS
PIN CONNECTION
PIN 1 2 5 6 7 SINGLE +INPUT -INPUT -OUTPUT NO PIN +OUTPUT DUAL +INPUT -INPUT -OUTPUT COMMON +OUTPUT
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
LANEH Series
Single and Dual Output 1 Watt DC/DC Converter
DERATING CURVE
LANE1212NHI (INDUSTRIAL GRADE) DERATING CURVE
100 90 80
"I" suffix
Output Power (%)
70 60 50 40 30 20 10 0 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 85 100 110
Case Surface Temperature (C)
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797


▲Up To Search▲   

 
Price & Availability of LANE512NDH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X